PART |
Description |
Maker |
ICM7216DLPL |
8-Digit, Multi-Function, Frequency Counters/Timers
|
Renesas Electronics Corporation
|
SN74LS163AD SN74LS161AD |
BCD Decade Counters 4?Bit Binary Counters
|
ON Semiconductor
|
MC74HC161 MC74HC161A MC74HC16XAN MC74HC16XAD MC74H |
(MC74HC161A / MC74HC163A) Presettable Counters Presettable Counters 可预置计数器
|
ONSEMI[ON Semiconductor]
|
HCF4520 9051 HCF4520M013TR HCF4520B HCF4520BEY HCF |
DUAL UP-COUNTERS DUAL UP-COUNTERS From old datasheet system DUAL BINARY UP COUNTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TDIA TDRA TDMB TDAB |
DIN Timers TD 22.5mm DIN rail mounting Electronic Timers DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
LNM336KA01 LNM236KA01 LNM336AA01 LN536GKMG LN536GK |
Opto-Electronic Device - Visible Light Emitting Diodes - Numerical Display Devices Numeric Display 3 Digit 14.4 mm (.6”) Series LNM236AA01 - Numeric Display 7 SEG NUMERIC DISPLAY, ORANGE, 14.4 mm
|
Matsshita / Panasonic PANASONIC CORP
|
M27W402 M27W402-100B6TR M27W402-100F6TR M27W402-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Synchronous 4-Bit Binary Counters 16-SO 0 to 70 4兆位56Kb x16低压紫外线可擦写可编程只读存储器和OTP存储 Synchronous 4-Bit Binary Counters 16-PDIP 0 to 70 4兆位56Kb x16低压紫外线可擦写可编程只读存储器和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HCF40161 HCF40161M013TR HCF40161B HCF40161BEY HCF4 |
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|